Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H288 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H288 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H288
Download  H288 Download
File Size   243.61 Kbytes
Page   6 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3.0V to 20V operating voltage

H288 Datasheet (PDF)

Go To PDF Page Download Datasheet
H288 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H288
Download  H288 Click to download

File Size   243.61 Kbytes
Page   6 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3.0V to 20V operating voltage

H288 Datasheet (HTML) - Hi-Sincerity Mocroelectronics




Similar Part No. - H288

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H288N4FB HUIXIN-H288N4FB Datasheet
894Kb / 6P
40V SGT N-Channel MOSFET
H288N4HFB HUIXIN-H288N4HFB Datasheet
1Mb / 6P
40V SGT N-Channel MOSFET
H288N4HFB-A HUIXIN-H288N4HFB-A Datasheet
1Mb / 6P
40V SGT N-Channel MOSFET
More results


Similar Description - H288

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7430 HOLTEK-HT7430_03 Datasheet
179Kb / 12P
3.0V Negative Voltage Regulator
January 21, 2003
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
HI-4853 ETC2-HI-4853 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
logo
Maxim Integrated Produc...
MAX17108EVKIT MAXIM-MAX17108EVKIT Datasheet
313Kb / 8P
6V to 20V AVDD Input Voltage Range
Rev 0; 10/08
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20472EVKIT MAXIM-MAX20472EVKIT Datasheet
111Kb / 2P
3.0V to 4.0V Operating Supply Voltage
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX20471EVKIT MAXIM-MAX20471EVKIT Datasheet
111Kb / 2P
3.0V to 4.0V Operating Supply Voltage
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com