Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD571 Datasheet (PDF) - Analog Devices

AD571 Datasheet PDF - Analog Devices
Part # AD571
Download  AD571 Download
File Size   295.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD571 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD571 Datasheet PDF - Analog Devices

Part # AD571
Download  AD571 Click to download

File Size   295.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD571 Datasheet (HTML) - Analog Devices


AD571 Product details

PRODUCT DESCRIPTION
The AD571 is an 10-bit successive approximation A/D converter consisting of a DAC, voltage reference, clock, comparator, successive approximation register and output buffers—all fabricated on a single chip. No external components are required to perform a full accuracy 10-bit conversion in 40 µs.

FEATURES
    Complete A/D Converter with Reference and Clock
    Fast Successive Approximation Conversion: 40 μs max
    No Missing Codes Over Temperature 0°C to +70°C: AD571K –55°C to +125°C: AD571S
    Digital Multiplexing: Three-State Outputs
    18-Pin Ceramic DIP
    Low Cost Monolithic Construction




Similar Part No. - AD571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD5710R AD-AD5710R Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD5710R AD-AD5710R Datasheet
5Mb / 59P
8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. B
AD5710RBCBZ-RL7 AD-AD5710RBCBZ-RL7 Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD5710RBCBZ-RL7 AD-AD5710RBCBZ-RL7 Datasheet
5Mb / 59P
8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. B
More results


Similar Description - AD571

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
logo
Analog Devices
AD573 AD-AD573 Datasheet
327Kb / 8P
10-Bit A/D Converter
logo
fujitsu semiconductor
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
10-Bit, 500MSPS A/D Converter
December 5, 2008
logo
Analog Devices
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
10-Bit A/D Converter
REV. B
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD573 AD-AD573_17 Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com