Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST04 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HST04 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HST04
Download  HST04 Download
File Size   130.43 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,4A

HST04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HST04 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HST04
Download  HST04 Click to download

File Size   130.43 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,4A

HST04 Datasheet (HTML) - Hi-Sincerity Mocroelectronics




Similar Part No. - HST04

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST045B YHDC-HST045B Datasheet
10Mb / 1P
Hall split core current sensor
logo
Guangdong Huixin Electr...
HST04S80D HUIXIN-HST04S80D Datasheet
1Mb / 5P
HST04S80D 4A TRIAC
HST04S80F HUIXIN-HST04S80F Datasheet
828Kb / 4P
HST04S80F 4A TRIAC
More results


Similar Description - HST04

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
Mar-2002
logo
SemiHow Co.,Ltd.
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
600V 4A TRIAC
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
600V 4A
logo
SemiHow Co.,Ltd.
HTD4-600 SEMIHOW-HTD4-600 Datasheet
211Kb / 6P
600V 4A TRIAC
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
600V 4A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
4A Four-quadrant triac
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com