Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST08 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HST08 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HST08
Download  HST08 Download
File Size   130.05 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,8A

HST08 Datasheet (PDF)

Go To PDF Page Download Datasheet
HST08 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HST08
Download  HST08 Click to download

File Size   130.05 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,8A

HST08 Datasheet (HTML) - Hi-Sincerity Mocroelectronics




Similar Part No. - HST08

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST080B YHDC-HST080B Datasheet
14Mb / 1P
Hall split core current sensor
More results


Similar Description - HST08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
600V - 8A - Triac
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
600V 8A TRIAC
logo
Renesas Technology Corp
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
600V ??8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
600V - 8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
600V - 8A - Triac Medium Power Use
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
700V - 8A - Triac
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
600V - 8A - Triac Medium Power Use
Feb. 19, 2019
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com