Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5486 Datasheet (PDF) - Amphenol Corporation

31-5486 Datasheet PDF - Amphenol Corporation
Part # 31-5486
Download  31-5486 Download
File Size   305.41 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm PCB Receptacles

31-5486 Datasheet (PDF)

Go To PDF Page Download Datasheet
31-5486 Datasheet PDF - Amphenol Corporation

Part # 31-5486
Download  31-5486 Click to download

File Size   305.41 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm PCB Receptacles

31-5486 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 31-5486

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5486 AMPHENOL-31-5486 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5486-1010 AMPHENOL-31-5486-1010 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5486-10RFX AMPHENOL-31-5486-10RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5486-10RFX AMPHENOL-31-5486-10RFX Datasheet
305Kb / 2P
Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
More results


Similar Description - 31-5486

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-3376 AMPHENOL-031-3376 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-5329-72RFX AMPHENOL-031-5329-72RFX Datasheet
37Kb / 1P
BNC 75 ohm PCB Receptacles
031-70016 AMPHENOL-031-70016 Datasheet
66Kb / 1P
BNC 75 ohm Jacks & Receptacles
logo
Tyco Electronics
226993-1 MACOM-226993-1 Datasheet
126Kb / 1P
JACK,VERTICAL, 50 OHM,PCB,SERIES BNC
5415025-1 MACOM-5415025-1 Datasheet
87Kb / 1P
JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
5227161 MACOM-5227161 Datasheet
124Kb / 1P
JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
5227161-9 MACOM-5227161-9 Datasheet
124Kb / 1P
JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
logo
Molex Electronics Ltd.
SD-73100-0154 MOLEX-SD-73100-0154 Datasheet
117Kb / 2P
BNC JACK R/A PCB 50 OHM BNC-JPCB
1994/09/08
SD-73138-5033 MOLEX-SD-73138-5033 Datasheet
195Kb / 2P
BNC JACK RA BULKHEAD DIECAST 50 OHM BNC-J/PCB
1991/02/26
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com