Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5T-Z Datasheet (PDF) - AIMTEC

AM5T-Z Datasheet PDF - AIMTEC
Part # AM5T-Z
Download  AM5T-Z Download
File Size   543.56 Kbytes
Page   5 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 Watt | DC-DC Converter

AM5T-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AM5T-Z Datasheet PDF - AIMTEC

Part # AM5T-Z
Download  AM5T-Z Click to download

File Size   543.56 Kbytes
Page   5 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 Watt | DC-DC Converter

AM5T-Z Datasheet (HTML) - AIMTEC


AM5T-Z Product details

FEATURES:
• RoHS compliant
• 24 Pin DIP Package
• High efficiency up to 83%
• Wide 2:1 input range
• Operating temperature -40oC to + 85oC
• Input / Output isolation 1500 and 3500VDC
• Pin compatible with multiple manufacturers
• Continuous short circuit protection




Similar Part No. - AM5T-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-Z AIMTEC-AM5T-Z_13 Datasheet
446Kb / 5P
5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z_16 Datasheet
306Kb / 5P
5 Watt | DC-DC Converter
More results


Similar Description - AM5T-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
5 WATT DC DC CONVERTER
logo
AIMTEC
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ Datasheet
407Kb / 3P
5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
5 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
5 Watt | DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com