Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8575 Datasheet (PDF) - Amphenol Corporation

8575 Datasheet PDF - Amphenol Corporation
Part # 8575
Download  8575 Download
File Size   95.54 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Angle Cable Plugs

8575 Datasheet (PDF)

Go To PDF Page Download Datasheet
8575 Datasheet PDF - Amphenol Corporation

Part # 8575
Download  8575 Click to download

File Size   95.54 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Angle Cable Plugs

8575 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 8575

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8575 FILTRAN-8575 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
Amphenol Corporation
8575 AMPHENOL-8575 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
logo
API Technologies Corp
8575 APITECH-8575 Datasheet
1Mb / 2P
Data Communication Circuits
8575-8623 APITECH-8575-8623 Datasheet
1Mb / 2P
Data Communication Circuits
logo
Molex Electronics Ltd.
85759-1001 MOLEX9-85759-1001 Datasheet
328Kb / 4P
PoE PLUS PSE ICM 1x1 LEDs: GREEN - GREEN
More results


Similar Description - 8575

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5697 POMONA-5697 Datasheet
38Kb / 1P
BNC Male 50 Ohm Cable
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
031-30220-1 AMPHENOL-031-30220-1 Datasheet
244Kb / 1P
BNC 50 ohm Bulkhead Plugs
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
logo
Huber+Suhner, Inc.
16_BNC-50-2-9133_N HUBERSUHNER-16_BNC-50-2-9133_N Datasheet
187Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-3-27133_N HUBERSUHNER-16_BNC-50-3-27133_N Datasheet
153Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-3-25133_N HUBERSUHNER-16_BNC-50-3-25133_N Datasheet
472Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-4-15122_N HUBERSUHNER-16_BNC-50-4-15122_N Datasheet
2Mb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-4-16133_N HUBERSUHNER-16_BNC-50-4-16133_N Datasheet
472Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
16_BNC-50-7-9133_N HUBERSUHNER-16_BNC-50-7-9133_N Datasheet
552Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Right angle cable plug (male)
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com