Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5137 Datasheet (PDF) - Amphenol Corporation

31-5137 Datasheet PDF - Amphenol Corporation
Part # 31-5137
Download  31-5137 Download
File Size   244.49 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Bulkhead Plugs

31-5137 Datasheet (PDF)

Go To PDF Page Download Datasheet
31-5137 Datasheet PDF - Amphenol Corporation

Part # 31-5137
Download  31-5137 Click to download

File Size   244.49 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Bulkhead Plugs

31-5137 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 31-5137

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5137 AMPHENOL-31-5137 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5137-RFX AMPHENOL-31-5137-RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results


Similar Description - 31-5137

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
031-3376 AMPHENOL-031-3376 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4803-RFX AMPHENOL-031-4803-RFX Datasheet
32Kb / 1P
BNC 50 ohm Bulkhead Adapters
031-5911-RFX AMPHENOL-031-5911-RFX Datasheet
95Kb / 1P
BNC 50 ohm Angle Cable Plugs
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
UG492D-U AMPHENOL-UG492D-U Datasheet
168Kb / 1P
BNC 50 ohm Bulkhead Adapters
logo
Tyco Electronics
1-1337447-0 MACOM-1-1337447-0 Datasheet
81Kb / 1P
BNC INSULATED BULKHEAD SOCKET FRONT MOUNT 50 OHM
logo
Pasternack Enterprises,...
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
logo
Molex Electronics Ltd.
SD-73138-5033 MOLEX-SD-73138-5033 Datasheet
195Kb / 2P
BNC JACK RA BULKHEAD DIECAST 50 OHM BNC-J/PCB
1991/02/26
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com