Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71004 Datasheet (PDF) - Amphenol Corporation

31-71004 Datasheet PDF - Amphenol Corporation
Part # 31-71004
Download  31-71004 Download
File Size   66.66 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 75 ohm Jacks & Receptacles

31-71004 Datasheet (PDF)

Go To PDF Page Download Datasheet
31-71004 Datasheet PDF - Amphenol Corporation

Part # 31-71004
Download  31-71004 Click to download

File Size   66.66 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 75 ohm Jacks & Receptacles

31-71004 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 31-71004

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-71004 AMPHENOL-31-71004 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results


Similar Description - 31-71004

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2025-44-9 WINCHESTER-SD2025-44-9 Datasheet
76Kb / 1P
75 OHM BNC PLUG
logo
Amphenol Corporation
031-3376 AMPHENOL-031-3376 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-5329-72RFX AMPHENOL-031-5329-72RFX Datasheet
37Kb / 1P
BNC 75 ohm PCB Receptacles
031-5431-10RFX AMPHENOL-031-5431-10RFX Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
logo
Winchester Electronics ...
2065-19-7 WINCHESTER-2065-19-7 Datasheet
55Kb / 1P
75 OHM BNC PLUG
2065-32-7 WINCHESTER-2065-32-7 Datasheet
81Kb / 1P
75 OHM BNC PLUG
2065-33-7 WINCHESTER-2065-33-7 Datasheet
86Kb / 1P
75 OHM BNC PLUG
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
logo
Huber+Suhner, Inc.
46_BNC-75-0-1133_N HUBERSUHNER-46_BNC-75-0-1133_N Datasheet
502Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, T-style, 3 jacks (female)
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com