Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD622 Datasheet (PDF) - Analog Devices

AD622 Datasheet PDF - Analog Devices
Part # AD622
Download  AD622 Download
File Size   151.01 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Instrumentation Amplifier

AD622 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD622 Datasheet PDF - Analog Devices

Part # AD622
Download  AD622 Click to download

File Size   151.01 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Instrumentation Amplifier

AD622 Datasheet (HTML) - Analog Devices


AD622 Product details

GENERAL DESCRIPTION
The AD622 is a low cost, moderately accurate instrumentation amplifier that requires only one external resistor to set any gain between 2 and 1000. For a gain of 1, no external resistor is required. The AD622 is a complete difference or subtracter amplifier system that also provides superior linearity and common-mode rejection by incorporating precision laser-trimmed resistors.

FEATURES
    Easy to use
    Low cost solution
    Higher performance than two or three op amp design
    Unity gain with no external resistor
    Optional gains with one external resistor (Gain range: 2 to 1000)
    Wide power supply range: ±2.6 V to ±15 V
    Available in 8-lead PDIP and 8-lead SOIC_N packages
    Low power, 1.5 mA maximum supply current
    DC performance 0.15% gain accuracy: G = 1 125 μV maximum input offset voltage 1.0 μV/°C maximum input offset drift 5 nA maximum input bias current 66 dB minimum common-mode rejection ratio: G = 1
    Noise 12 nV/√Hz @ 1 kHz input voltage noise 0.60 μV p-p noise: 0.1 Hz to 10 Hz, G = 10
    AC characteristics 800 kHz bandwidth: G = 10 10 μs settling time to 0.1% @ G = 1 to 100 1.2 V/μs slew rate

APPLICATIONS
    Transducer interface
    Low cost thermocouple amplifier
    Industrial process controls
    Difference amplifier
    Low cost data acquisition




Similar Part No. - AD622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
logo
List of Unclassifed Man...
AD622-00 ETC2-AD622-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD622AN AD-AD622AN Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD622ANZ AD-AD622ANZ Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD622AR AD-AD622AR Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
More results


Similar Description - AD622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
Low Cost, Low Power Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_05 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620 AD-AD620_04 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
AD622 AD-AD622_1 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_15 Datasheet
491Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
AD620 AD-AD620_16 Datasheet
483Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_16 Datasheet
348Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com