Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23A512 Datasheet (PDF) - Microchip Technology

23A512 Datasheet PDF - Microchip Technology
Part # 23A512
Download  23A512 Download
File Size   728.89 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512Kbit SPI Serial SRAM with SDI and SQI Interface

23A512 Datasheet (PDF)

Go To PDF Page Download Datasheet
23A512 Datasheet PDF - Microchip Technology

Part # 23A512
Download  23A512 Click to download

File Size   728.89 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512Kbit SPI Serial SRAM with SDI and SQI Interface

23A512 Datasheet (HTML) - Microchip Technology


23A512 Product details

Description:

The Microchip Technology Inc. 23A512/23LC512 are 512Kbit Serial SRAM devices. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input. Additionally, SDI (Serial Dual Interface) and SQI (Serial Quad Interface) is supported if your application needs faster data rates.



Features:

SPI-Compatible Bus Interface:

 - 20 MHz Clock rate

 - SPI/SDI/SQI mode

Low-Power CMOS Technology:

 - Read Current: 3 mA at 5.5V, 20 MHz

 - Standby Current: 4 A at +85°C

Unlimited Read and Write Cycles

Zero Write Time

64K x 8-bit Organization:

 - 32-byte page

Byte, Page and Sequential mode for Reads and Writes

High Reliability

Temperature Ranges Supported:

RoHS Compliant

8-Lead SOIC, TSSOP and PDIP Packages

   - Industrial (I): -40C to +85C

   - Automotive (E): -40C to +125C




Similar Part No. - 23A512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A512 MICROCHIP-23A512 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23A512-E/P MICROCHIP-23A512-E/P Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512-E/SN MICROCHIP-23A512-E/SN Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512-E/ST MICROCHIP-23A512-E/ST Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512-E/ST MICROCHIP-23A512-E/ST Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
More results


Similar Description - 23A512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23A1024 MICROCHIP-23A1024_V01 Datasheet
663Kb / 33P
1-Mbit SPI Serial SRAM with SDI and SQI Interface
Revision D July 2022
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512 MICROCHIP-23LCV512_V01 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com