Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-02XTG Datasheet (PDF) - Littelfuse

SP3003-02XTG Datasheet PDF - Littelfuse
Part # SP3003-02XTG
Download  SP3003-02XTG Download
File Size   105.38 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Protection Arrays

SP3003-02XTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3003-02XTG Datasheet PDF - Littelfuse

Part # SP3003-02XTG
Download  SP3003-02XTG Click to download

File Size   105.38 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Protection Arrays

SP3003-02XTG Datasheet (HTML) - Littelfuse


SP3003-02XTG Product details

Description
The SP3003 has ultra low capacitance rail-to-rail diodes with an additional protection diode fabricated in a proprietary silicon avalanche technology to protect each I/O pin providing a high level of protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes at the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge and ± 15 kV air discharge without performance degradation. Their very low loading capacitance also makes them ideal for protecting high speed signal pins such as HDMI, DVI, USB2.0, and IEEE 1394.

Features
• ESD protection of ±8kV contact discharge, ±15kV air discharge, (IEC 61000-4-2)
• EFT protection, IEC 61000-4-4, 40A (5/50ns)
• Lightning, 2.5A (8/20μs as defined in IEC 61000-4-5 2nd Edition)
• Low capacitance of 0.65pF (TYP) per I/O
• Low leakage current of 0.5μA (MAX) at 5V
• Complete line of small packaging helps save board space (SC70, SOT553, SOT563, MSOP10, µDFN-6L)
• AEC-Q101 qualified
• RoHS compliant and leadfree
• Moisture Sensitivity Level(MSL-1)

Applications
• LCD/ PDP TVs
• DVD Players
• Desktops
• MP3/ PMP
• Digital Cameras
• Set Top Boxes
• Mobile Phones
• Notebooks
• Computer Peripherals




Similar Part No. - SP3003-02XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
More results


Similar Description - SP3003-02XTG

ManufacturerPart #DatasheetDescription
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
Silicon rectifiers arrays
logo
Littelfuse
SP03-6 LITTELFUSE-SP03-6 Datasheet
213Kb / 6P
Silicon Protection Arrays
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
193Kb / 7P
Silicon Protection Arrays
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Littelfuse
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
Silicon Protection Arrays
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com