Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQ5V0USP-HF Datasheet (PDF) - Comchip Technology

CPDQ5V0USP-HF Datasheet PDF - Comchip Technology
Part # CPDQ5V0USP-HF
Download  CPDQ5V0USP-HF Download
File Size   80.34 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Ultra Low Capacitance SMD ESD Protection Diode

CPDQ5V0USP-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDQ5V0USP-HF Datasheet PDF - Comchip Technology

Part # CPDQ5V0USP-HF
Download  CPDQ5V0USP-HF Click to download

File Size   80.34 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Ultra Low Capacitance SMD ESD Protection Diode

CPDQ5V0USP-HF Datasheet (HTML) - Comchip Technology


CPDQ5V0USP-HF Product details

RoHS Device
Halogen Free

Features
- IEC61000-4-2 Level 4 ESD protection.
- ESD Rating of Class 3(>16kV) per Human Body Mode.
- Supper low capacitance 0.5 pF Typ.
- Low clamping voltage.
- Low body height: 0.016”(0.4mm)

Mechanical data
- Epoxy: Meets UL 94V-0
- Case: 0402/SOD-923F small outline plastic package.
   Void-free, Transfer-molded, Thermosetting plastic.
- Terminals: Matte tin plated, solderable per MIL-STD-750,method 2026.
- Mounting position: Any.
- High temperature soldering guaranteed: 260°C/10 second.
- Weight: 0.001 grams(approx.).




Similar Part No. - CPDQ5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF_15 Datasheet
350Kb / 5P
SMD ESD Protection Diode
More results


Similar Description - CPDQ5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Rectron Semiconductor
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Nexperia B.V. All right...
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
Ultra low capacitance ESD protection diode
16 November 2022
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com