Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623 Datasheet (PDF) - Analog Devices

AD6623 Datasheet PDF - Analog Devices
Part # AD6623
Download  AD6623 Download
File Size   381.45 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 104 MSPS Digital Transmit Signal Processor TSP

AD6623 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6623 Datasheet PDF - Analog Devices

Part # AD6623
Download  AD6623 Click to download

File Size   381.45 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 104 MSPS Digital Transmit Signal Processor TSP

AD6623 Datasheet (HTML) - Analog Devices


AD6623 Product details

PRODUCT DESCRIPTION
The AD6623 is a 4-channel Transmit Signal Processor (TSP) that creates high bandwidth data for Transmit Digital-to-Analog Converters (TxDACs) from baseband data provided by a Digital Signal Processor (DSP). Modern TxDACs have achieved sufficiently high sampling rates, analog bandwidth, and dynamic range to create the first Intermediate Frequency (IF) directly.

FEATURES
   Pin Compatible to the AD6622
   18-Bit Parallel Digital IF Output
      Real or Interleaved Complex
   18-Bit Bidirectional Parallel Digital IF Input/Output
      Allows Cascade of Chips for Additional Channels
      Clipped or Wrapped Over Range
      Two’s Complement or Offset Binary Output
   Four Independent Digital Transmitters in Single Package
   RAM Coefficient Filter (RCF)
      Programmable IF and Modulation for Each Channel
      Programmable Interpolating RAM Coefficient Filter
      π/4-DQPSK Differential Phase Encoder
      3π/8-PSK Linear Encoder
      8-PSK Linear Encoder
      Programmable GMSK Look-Up Table
      Programmable QPSK Look-Up Table
      All-Pass Phase Equalizer
      Programmable Fine Scaler
      Programmable Power Ramp Unit
   High Speed CIC Interpolating Filter
   Digital Resampling for Noninteger Interpolation Rates
   NCO Frequency Translation
      Carrier Output from DC to 52 MHz
      Spurious Performance Better than –100 dBc
   Separate 3-Wire Serial Data Input for Each Channel
      Bidirectional Serial Clocks and Frames
   Microprocessor Control
   2.5 V CMOS Core, 3.3 V Outputs, 5 V Inputs
   JTAG Boundary Scan

APPLICATIONS
   Cellular/PCS Base Stations
   Micro/Pico Cell Base Stations
   Wireless Local Loop Base Stations
   Multicarrier, Multimode Digital Transmit
      GSM, EDGE, IS136, PHS, IS95, TDS CDMA, UMTS,
      CDMA2000
   Phased Array Beam Forming Antennas
   Software Defined Radio
      Tuning Resolution Better than 0.025 Hz
      Real or Complex Outputs




Similar Part No. - AD6623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6623 AD-AD6623_15 Datasheet
935Kb / 48P
4-Channel, 104 MSPS Digital Transmit Signal Processor
REV. A
More results


Similar Description - AD6623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6620 AD-AD6620 Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD6622 AD-AD6622 Datasheet
242Kb / 28P
Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
AD6624 AD-AD6624 Datasheet
509Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6623 AD-AD6623_15 Datasheet
935Kb / 48P
4-Channel, 104 MSPS Digital Transmit Signal Processor
REV. A
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com