Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD670 Datasheet (PDF) - Analog Devices

AD670 Datasheet PDF - Analog Devices
Part # AD670
Download  AD670 Download
File Size   364.02 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Signal Conditioning 8-Bit ADC

AD670 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD670 Datasheet PDF - Analog Devices

Part # AD670
Download  AD670 Click to download

File Size   364.02 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Signal Conditioning 8-Bit ADC

AD670 Datasheet (HTML) - Analog Devices


AD670 Product details

GENERAL DESCRIPTION

The AD670 is a complete 8-bit signal conditioning analogto-digital converter. It consists of an instrumentation amplifier front end along with a DAC, comparator, successive approximation register (SAR), precision voltage reference, and a threestate output buffer on a single monolithic chip. No external components or user trims are required to interface, with full accuracy, an analog system to an 8-bit data bus.



FEATURES

Complete 8-Bit Signal Conditioning A/D Converter

  Including Instrumentation Amp and Reference

Microprocessor Bus Interface

10 ms Conversion Speed

Flexible Input Stage: Instrumentation Amp Front End

  Provides Differential Inputs and High Common-Mode

  Rejection

No User Trims Required

No Missing Codes Over Temperature

Single +5 V Supply Operation

Convenient Input Ranges

20-Pin DIP or Surface-Mount Package

Low Cost Monolithic Construction

MIL-STD-883B Compliant Versions Available



 




Similar Part No. - AD670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD670 AD-AD670 Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670AD AD-AD670AD Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670BD AD-AD670BD Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670JN AD-AD670JN Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
More results


Similar Description - AD670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
Signal Conditioning ADC
REV.F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_15 Datasheet
366Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD670 AD-AD670_17 Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com