Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD673 Datasheet (PDF) - Analog Devices

AD673 Datasheet PDF - Analog Devices
Part # AD673
Download  AD673 Download
File Size   278.68 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit A/D Converter

AD673 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD673 Datasheet PDF - Analog Devices

Part # AD673
Download  AD673 Click to download

File Size   278.68 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit A/D Converter

AD673 Datasheet (HTML) - Analog Devices


AD673 Product details

GENERAL DESCRIPTION
The AD673 is a complete 8-bit successive approximation analog-to-digital converter consisting of a DAC, voltage reference, clock, comparator, successive approximation register (SAR) and 3-state output buffers—all fabricated on a single chip. No external components are required to perform a full accuracy 8-bit conversion in 20 µs.
   
FEATURES
    Complete 8-Bit A/D Converter with Reference, Clock
        and Comparator
    30 μs Maximum Conversion Time
    Full 8- or 16-Bit Microprocessor Bus Interface
    Unipolar and Bipolar Inputs
    No Missing Codes Over Temperature
    Operates on +5 V and –12 V to –15 V Supplies
    MIL-STD-883 Compliant Version Available
   




Similar Part No. - AD673

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD673 AD-AD673 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JD AD-AD673JD Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JN AD-AD673JN Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673JP AD-AD673JP Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
AD673SD AD-AD673SD Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results


Similar Description - AD673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
NXP Semiconductors
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com