Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD693 Datasheet (PDF) - Analog Devices

AD693 Datasheet PDF - Analog Devices
Part # AD693
Download  AD693 Download
File Size   496.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Loop-Powered 4.20 mA Sensor Transmitter

AD693 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD693 Datasheet PDF - Analog Devices

Part # AD693
Download  AD693 Click to download

File Size   496.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Loop-Powered 4.20 mA Sensor Transmitter

AD693 Datasheet (HTML) - Analog Devices


AD693 Product details

PRODUCT DESCRIPTION
The AD693 is a monolithic signal conditioning circuit which accepts low-level inputs from a variety of transducers to control a standard 4–20 mA, two-wire current loop. An on-chip voltage reference and auxiliary amplifier are provided for transducer excitation; up to 3.5 mA of excitation current is available when the device is operated in the loop-powered mode. Alternatively, the device may be locally powered for three-wire applications when 0–20 mA operation is desired.
   
FEATURES
    Instrumentation Amplifier Front End
    Loop-Powered Operation
    Precalibrated 30 mV or 60 mV Input Spans
    Independently Adjustable Output Span and Zero
    Precalibrated Output Spans: 4–20 mA Unipolar
                                                   0–20 mA Unipolar
                                                   12 ± 8 mA Bipolar
    Precalibrated 100 Ω RTD Interface
    6.2 V Reference with Up to 3.5 mA of Current Available
    Uncommitted Auxiliary Amp for Extra Flexibility
    Optional External Pass Transistor to Reduce
        Self-Heating Errors
   




Similar Part No. - AD693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693AD AD-AD693AD Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693AE AD-AD693AE Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693AQ AD-AD693AQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
More results


Similar Description - AD693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
logo
Maxim Integrated Produc...
MAX5216LPT MAXIM-MAX5216LPT Datasheet
1Mb / 18P
Reference Design of 4??0mA Loop-Powered Transmitter
Rev 0; 5/13
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
PHOENIX CONTACT
108133 PHOENIX-108133 Datasheet
4Mb / 85P
Loop-powered dual-channel temperature transmitter
2017-09-21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com