Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7249 Datasheet (PDF) - Analog Devices

AD7249 Datasheet PDF - Analog Devices
Part # AD7249
Download  AD7249 Download
File Size   149.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Dual 12-Bit Serial DACPORT

AD7249 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7249 Datasheet PDF - Analog Devices

Part # AD7249
Download  AD7249 Click to download

File Size   149.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Dual 12-Bit Serial DACPORT

AD7249 Datasheet (HTML) - Analog Devices


AD7249 Product details

GENERAL DESCRIPTION
The AD7249 DACPORT contains a pair of 12-bit, voltageoutput, digital-to-analog converters with output amplifiers and Zener voltage reference on a monolithic CMOS chip. No external trims are required to achieve full specified performance.
   
FEATURES
    Two 12-Bit CMOS DAC Channels with
        On-Chip Voltage Reference
        Output Amplifiers
    Three Selectable Output Ranges per Channel
        –5 V to +5 V, 0 V to +5 V, 0 V to +10 V
    Serial Interface
    125 kHz DAC Update Rate
    Small Size: 16-Lead DIP or SOIC
    Low Power Dissipation
   
APPLICATIONS
    Process Control
    Industrial Automation
    Digital Signal Processing Systems
    Input/Output Ports
   




Similar Part No. - AD7249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7249 AD-AD7249 Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AN AD-AD7249AN Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249ANZ AD-AD7249ANZ Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AR AD-AD7249AR Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249AR-REEL AD-AD7249AR-REEL Datasheet
319Kb / 14P
LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
More results


Similar Description - AD7249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7237 AD-AD7237 Datasheet
1Mb / 7P
LC2MOS DUAL 12-BIT DACPORT
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com