Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXDC2HL10A-080 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

LXDC2HL10A-080 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # LXDC2HL10A-080
Download  LXDC2HL10A-080 Download
File Size   715.01 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology

LXDC2HL10A-080 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXDC2HL10A-080 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # LXDC2HL10A-080
Download  LXDC2HL10A-080 Click to download

File Size   715.01 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology

LXDC2HL10A-080 Datasheet (HTML) - Murata Manufacturing Co., Ltd.


LXDC2HL10A-080 Product details

Features
● Low EMI noise and small footprint due to Murata’s inductor-embedded ferrite substrate technology
● High efficiency using synchronous rectifier technology and PFM/PWM auto-select function (forced mode available on some models)
● Input voltage range = 2.3–5.5V
● Load currents available are 600mA, 1A, 2A, and 3A
● Fixed output voltage = 1.0V, 1.2V, 1.35V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V (see product line-up table on back)
● Switching frequency = 3.0, 3.3, 4.0, or 6MHz (see back)
● Operating temperature range = -40 to +85°C

Applications
● Any device currently using discrete DC-DC circuits where downsizing and space-savings are required
● Cellular Phones, PDAs, Mobile Internet Devices
● Digital Cameras, eBooks, Tablets, W-LAN, BT
● Portable Game Consoles, Music Players, etc.




Similar Part No. - LXDC2HL10A-080

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC2HL10A-080 MURATA-LXDC2HL10A-080 Datasheet
1Mb / 19P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
More results


Similar Description - LXDC2HL10A-080

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT04Q08-TED IPS-IPT04Q08-TED Datasheet
228Kb / 5P
High current density due to double mesa technology
IPT08Q08-CEA IPS-IPT08Q08-CEA Datasheet
214Kb / 4P
High current density due to double mesa technology
logo
Murata Manufacturing Co...
LXDC2HL MURATA-LXDC2HL Datasheet
1Mb / 19P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
logo
Vishay Siliconix
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11 Datasheet
145Kb / 3P
Ultra low buzz noise, due to composite construction
12-Sep-16
logo
Lumileds Lighting Compa...
DS139 LUMILEDS-DS139 Datasheet
2Mb / 18P
Unsurpassed light quality and CBCP due to small LES
DS166 LUMILEDS-DS166 Datasheet
2Mb / 16P
Unsurpassed light quality and CBCP due to small LES
logo
Infineon Technologies A...
BGA123L4 INFINEON-BGA123L4 Datasheet
285Kb / 13P
Small Footprint Ultra Low Current Low Noise Amplifier
Revision 2.0 2017-09-14
logo
Murata Manufacturing Co...
LXDC2HL-G MURATA-LXDC2HL-G Datasheet
1Mb / 24P
Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
LXDC2XQ MURATA-LXDC2XQ Datasheet
1Mb / 25P
Low EMI noise using an inductor-embedded ferrite substrate
LXDC32D MURATA-LXDC32D Datasheet
1Mb / 21P
Low EMI noise and small footprint using inductor-imbedded ferrite substrate
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com