Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322L Datasheet (PDF) - Analog Devices

AD73322L Datasheet PDF - Analog Devices
Part # AD73322L
Download  AD73322L Download
File Size   437.22 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power CMOS General-Purpose Dual Analog Front End

AD73322L Datasheet (PDF)

Go To PDF Page Download Datasheet
AD73322L Datasheet PDF - Analog Devices

Part # AD73322L
Download  AD73322L Click to download

File Size   437.22 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power CMOS General-Purpose Dual Analog Front End

AD73322L Datasheet (HTML) - Analog Devices


AD73322L Product details

GENERAL DESCRIPTION

The AD73322L is a dual front-end processor for general purpose applications including speech and telephony. It features two 16-bit A/D conversion channels and two 16-bit D/A conversion channels. Each channel provides 78 dB signal-to-noise ratio over a voiceband signal bandwidth. It also features an input-to-output gain network in both the analog and digital domains. This is featured on both codecs and can be used for impedance matching or scaling when interfacing to Subscriber Line Interface Circuits (SLICs).



FEATURES

  Two 16-Bit A/D Converters

  Two 16-Bit D/A Converters

  Programmable Input/Output Sample Rates

  78 dB ADC SNR

  78 dB DAC SNR

  64 kS/s Maximum Sample Rate

  –90 dB Crosstalk

  Low Group Delay (25 μs Typ per ADC Channel, 50 μs Typ per DAC Channel)

  Programmable Input/Output Gain

  Flexible Serial Port which Allows Up to Four Dual

     Codecs to be Connected in Cascade Giving Eight

     I/O Channels

  Single (2.7 V to 3.3 V) Supply Operation

  50 mW Typ Power Consumption at 3.0 V

  Temperature Range: –40°C to +105°C

  On-Chip Reference

  28-Lead SOIC, TSSOP, and 44-Lead LQFP Packages



APPLICATIONS

  General-Purpose Analog I/O

  Speech Processing

  Cordless and Personal Communications

  Telephony

  Active Control of Sound and Vibration

  Data Communications

  Wireless Local Loop



 




Similar Part No. - AD73322L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L Datasheet
767Kb / 49P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Rev. A
AD73322LAR AD-AD73322LAR Datasheet
767Kb / 49P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Rev. A
AD73322LAR-REEL AD-AD73322LAR-REEL Datasheet
767Kb / 49P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Rev. A
AD73322LAR-REEL7 AD-AD73322LAR-REEL7 Datasheet
767Kb / 49P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Rev. A
AD73322LARU AD-AD73322LARU Datasheet
767Kb / 49P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Rev. A
More results


Similar Description - AD73322L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311L AD-AD73311L Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73322 AD-AD73322 Datasheet
386Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com