Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73360 Datasheet (PDF) - Analog Devices

AD73360 Datasheet PDF - Analog Devices
Part # AD73360
Download  AD73360 Download
File Size   281.38 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Six-Input Channel Analog Front End

AD73360 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD73360 Datasheet PDF - Analog Devices

Part # AD73360
Download  AD73360 Click to download

File Size   281.38 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Six-Input Channel Analog Front End

AD73360 Datasheet (HTML) - Analog Devices


AD73360 Product details

GENERAL DESCRIPTION
The AD73360 is a six-input channel analog front-end processor for general purpose applications including industrial power metering or multichannel analog inputs. It features six 16-bit A/D conversion channels each of which provide 77 dB signal-to-noise ratio over a dc to 4 kHz signal bandwidth. Each channel also features a programmable input gain amplifier (PGA) with gain settings in eight stages from 0 dB to 38 dB.
   
FEATURES
    Six 16-Bit A/D Converters
    Programmable Input Sample Rate
    Simultaneous Sampling
    77 dB SNR
    64 kS/s Maximum Sample Rate
    –83 dB Crosstalk
    Low Group Delay (25 μs Typ per ADC Channel)
    Programmable Input Gain
    Flexible Serial Port which Allows Multiple Devices to
        Be Connected in Cascade
    Single (+2.7 V to +5.5 V) Supply Operation
    80 mW Max Power Consumption at +2.7 V
    On-Chip Reference
    28-Lead SOIC and 44-Lead TQFP Packages
   
APPLICATIONS
    General Purpose Analog Input
    Industrial Power Metering
    Motor Control
    Simultaneous Sampling Applications
   




Similar Part No. - AD73360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
377Kb / 36P
Six-input Channel Analog Front End
23-Feb-2017
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360AR AD-AD73360AR Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
377Kb / 36P
Six-input Channel Analog Front End
23-Feb-2017
More results


Similar Description - AD73360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360L AD-AD73360L Datasheet
287Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460 AD-AD73460 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
Six-Input Channel Analog Front End
23-Feb-2017
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
Six-input Channel Analog Front End
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com