Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73422 Datasheet (PDF) - Analog Devices

AD73422 Datasheet PDF - Analog Devices
Part # AD73422
Download  AD73422 Download
File Size   396.7 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Power CMOS Analog Front End with DSP Microcomputer

AD73422 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD73422 Datasheet PDF - Analog Devices

Part # AD73422
Download  AD73422 Click to download

File Size   396.7 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Power CMOS Analog Front End with DSP Microcomputer

AD73422 Datasheet (HTML) - Analog Devices


AD73422 Product details

GENERAL DESCRIPTION
The AD73422 is a single device incorporating a dual analog front end and a microcomputer optimized for digital signal processing (DSP) and other high speed numeric processing applications.

FEATURES
    AFE PERFORMANCE
    Two 16-Bit A/D Converters
    Two 16-Bit D/A Converters
    Programmable Input/Output Sample Rates
    78 dB ADC SNR
    77 dB DAC SNR
    64 kS/s Maximum Sample Rate
    –90 dB Crosstalk
    Low Group Delay (25 s Typ per ADC Channel, 50 s Typ per DAC Channel)
    Programmable Input/Output Gain
    On-Chip Reference

DSP PERFORMANCE
    19 ns Instruction Cycle Time @ 3.3 V, 52 MIPS Sustained Performance
    Single-Cycle Instruction Execution
    Single-Cycle Context Switch
    3-Bus Architecture Allows Dual Operand Fetches in Every Instruction Cycle
    Multifunction Instructions
    Power-Down Mode Featuring Low CMOS Standby Power Dissipation with 400 Cycle Recovery from Power-Down Condition
    Low Power Dissipation in Idle Mode




Similar Part No. - AD73422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results


Similar Description - AD73422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322 Datasheet
386Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com