Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7396 Datasheet (PDF) - Analog Devices

AD7396 Datasheet PDF - Analog Devices
Part # AD7396
Download  AD7396 Download
File Size   226.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Parallel Input Dual 12-Bit /10-Bit DACs

AD7396 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7396 Datasheet PDF - Analog Devices

Part # AD7396
Download  AD7396 Click to download

File Size   226.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Parallel Input Dual 12-Bit /10-Bit DACs

AD7396 Datasheet (HTML) - Analog Devices


AD7396 Product details

GENERAL DESCRIPTION
The AD7396/AD7397 series of dual, 12-bit and 10-bit voltageoutput digital-to-analog converters are designed to operate from a single +3 V supply. Built using a CBCMOS process, these monolithic DACs offer the user low cost and ease of use in single supply +3 V systems. Operation is guaranteed over the supply voltage range of +2.7 V to +5.5 V, making this device ideal for battery operated applications.
   
FEATURES
    Micropower: 100 μA/DAC
    0.1 μA Typical Power Shutdown
    Single Supply +2.7 V to +5.5 V Operation
    Compact 1.1 mm Height TSSOP 24-Lead Package
    AD7396: 12-Bit Resolution
    AD7397: 10-Bit Resolution
    0.9 LSB Differential Nonlinearity Error
   
APPLICATIONS
    Automotive Output Span Voltage
    Portable Communications
    Digitally Controlled Calibration
    PC Peripherals
   




Similar Part No. - AD7396

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7396 AD-AD7396 Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396AN AD-AD7396AN Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396AR AD-AD7396AR Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results


Similar Description - AD7396

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7392 AD-AD7392 Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
3 V, Dual, Serial Input 12-/10-Bit DACs
REV.0
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com