Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT5B60D Datasheet (PDF) - Alpha & Omega Semiconductors

AOT5B60D Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT5B60D
Download  AOT5B60D Download
File Size   643.23 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 5A Alpha IGBT with Diode

AOT5B60D Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT5B60D Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT5B60D
Download  AOT5B60D Click to download

File Size   643.23 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 5A Alpha IGBT with Diode

AOT5B60D Datasheet (HTML) - Alpha & Omega Semiconductors


AOT5B60D Product details

General Description
The Alpha IGBTTM line of products offers best-in-class performance in conduction and switching losses, with robust short circuit capability. They are designed for ease of paralleling, minimal gate spike under high dV/dt conditions and resistance to oscillations. The soft copackage diode is targeted for minimal losses in motor control applications.

Product Summary
   VCE                           600V
   IC (TC=100°C)          5A
   VCE(sat) (TC=25°C) 1.55V

   100% Eon/Eoff Tested
   100% Qrr Tested
   100% Short Circuit Current Tested*




Similar Part No. - AOT5B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT5B65M1 AOSMD-AOT5B65M1 Datasheet
558Kb / 9P
Very fast and soft recovery freewheeling diode
More results


Similar Description - AOT5B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB10B60D AOSMD-AOB10B60D Datasheet
593Kb / 9P
600V, 10A Alpha IGBT with Diode
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
600V, 15A Alpha IGBT with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
600V, 5A Alpha IGBT with Diode
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
600V, 5A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
600V, 10A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
600V, 15A Alpha IGBT with Diode
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
600V, 10A Alpha IGBT with Diode
AOT15B60D AOSMD-AOT15B60D Datasheet
658Kb / 9P
600V, 15A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
600V, 5A Alpha IGBT with Diode
AOTF15B60D AOSMD-AOTF15B60D Datasheet
664Kb / 9P
600V, 15A Alpha IGBT with Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com