Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD744 Datasheet (PDF) - Analog Devices

AD744 Datasheet PDF - Analog Devices
Part # AD744
Download  AD744 Download
File Size   470.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 500 ns Settling BiFET Op Amp

AD744 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD744 Datasheet PDF - Analog Devices

Part # AD744
Download  AD744 Click to download

File Size   470.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 500 ns Settling BiFET Op Amp

AD744 Datasheet (HTML) - Analog Devices


AD744 Product details

PRODUCT DESCRIPTION
The AD744 is a fast-settling, precision, FET input, monolithic operational amplifier. It offers the excellent dc characteristics of the AD711 BiFET family with enhanced settling, slew rate, and bandwidth. The AD744 also offers the option of using custom compensation to achieve exceptional capacitive load drive capability.
   
FEATURES
    AC PERFORMANCE
    500 ns Settling to 0.01% for 10 V Step
    1.5 μs Settling to 0.0025% for 10 V Step
    75 V/μs Slew Rate
    0.0003% Total Harmonic Distortion (THD)
    13 MHz Gain Bandwidth – Internal Compensation
    >200 MHz Gain Bandwidth (G = 1000)
        External Decompensation
    >1000 pF Capacitive Load Drive Capability with
        10 V/μs Slew Rate – External Compensation
   
DC PERFORMANCE
    0.5 mV max Offset Voltage (AD744B)
    10 μV/°C max Drift (AD744B)
    250 V/mV min Open-Loop Gain (AD744B)
    Available in Plastic Mini-DIP, Plastic SOIC, Hermetic
        Cerdip, Hermetic Metal Can Packages and Chip Form
    Surface Mount (SOIC) Package Available in Tape and
        Reel in Accordance with EIA-481A Standard
   
APPLICATIONS
    Output Buffers for 12-Bit, 14-Bit and 16-Bit DACs,
        ADC Buffers, Cable Drivers, Wideband
        Preamplifiers and Active Filters
   




Similar Part No. - AD744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD744 AD-AD744 Datasheet
459Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744 Datasheet
562Kb / 15P
Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7440 AD-AD7440 Datasheet
784Kb / 28P
Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
674Kb / 27P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Similar Description - AD744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD746 AD-AD746 Datasheet
428Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV.B
AD744JRZ AD-AD744JRZ Datasheet
471Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD744AR AD-AD744AR Datasheet
459Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746AN AD-AD746AN Datasheet
396Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD744 AD-AD744_15 Datasheet
471Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746 AD-AD746_15 Datasheet
431Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
Precision, 500 ns Settling BiFET Op Amp
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com