Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet (PDF) - NXP Semiconductors

SSL4120 Datasheet PDF - NXP Semiconductors
Part # SSL4120
Download  SSL4120 Download
File Size   631.13 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Resonant power supply controller IC with PFC for LED lighting

SSL4120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL4120 Datasheet PDF - NXP Semiconductors

Part # SSL4120
Download  SSL4120 Click to download

File Size   631.13 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Resonant power supply controller IC with PFC for LED lighting

SSL4120 Datasheet (HTML) - NXP Semiconductors


SSL4120 Product details

General description
The SSL4120 integrates a Power Factor Corrector (PFC) controller and a controller for a Half-Bridge resonant Converter (HBC) in a multi-chip IC. It provides the drive function for the discrete MOSFET in an up-converter and for the two discrete power MOSFETs in a resonant half-bridge configuration.

Features and benefits
General features
■ Integrated PFC and HBC controllers
■ Universal mains supply operation from 85 V to 305 V (AC)
■ High level of integration resulting in a low external component count and a cost
   effective design
■ Enable input to enable only the PFC or both the PFC and HBC controllers
■ On-chip high-voltage start-up source
■ Stand-alone operation or IC supplied from external DC source

PFC controller features
■ Boundary mode operation with on-time control
■ Valley/zero-voltage switching for minimum switching losses
■ Frequency limiting to reduce switching losses
■ Accurate boost voltage regulation
■ Burst mode switching with soft-start and soft-stop

HBC controller features
■ Integrated high-voltage level shifter
■ Adjustable minimum and maximum frequency
■ Maximum 500 kHz half-bridge switching frequency
■ Adaptive non-overlap time
■ Burst mode switching

Protection features
■ Safe restart mode for system fault conditions
■ General latched protection input for output overvoltage protection or external
   temperature protection
■ Protection timer for time-out and restart
■ Overtemperature protection
■ Soft (re)start for both controllers
■ Undervoltage protection for mains (brownout), boost, IC supply and output voltage
■ Overcurrent regulation and protection for both controllers
■ Accurate overvoltage protection for the boost voltage
■ Capacitive mode protection for the HBC controller

Applications
   The IC is used in all LED lighting applications that require very efficient, low Total
   Harmonic Distortion (THD), high Power Factor (PF) and a universal mains input voltage.
   The SSL4120 provides a cost-effective power supply solution between 25 W and 400 W.




Similar Part No. - SSL4120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
Resonant power supply control IC with PFC
Rev. 1-21 June 2012
More results


Similar Description - SSL4120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
Resonant power supply control IC with PFC
Rev. 01-22 December 2009
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
Resonant power supply control IC with PFC
Rev. 2-9 February 2011
logo
Texas Instruments
TPS92023 TI-TPS92023 Datasheet
1Mb / 23P
Resonant-Switching Driver Controller for LED Lighting
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
logo
NXP Semiconductors
TEA1716T PHILIPS-TEA1716T Datasheet
692Kb / 47P
Resonant power supply control IC with PFC
Rev. 3-30 November 2012
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
NXP Semiconductors
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
Resonant power supply control IC with PFC
Rev. 1-21 June 2012
logo
Mitsumi Electronics, Co...
MM3760 MITSUMI-MM3760 Datasheet
52Kb / 3P
LED Lighting power supply IC
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com