Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7466 Datasheet (PDF) - Analog Devices

AD7466 Datasheet PDF - Analog Devices
Part # AD7466
Download  AD7466 Download
File Size   171.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23

AD7466 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7466 Datasheet PDF - Analog Devices

Part # AD7466
Download  AD7466 Click to download

File Size   171.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23

AD7466 Datasheet (HTML) - Analog Devices


AD7466 Product details

GENERAL DESCRIPTION
The AD7466/AD7467/AD7468 are 12-/10-/8-bit, high speed, low power, successive approximation analog-to-digital converters (ADCs), respectively. The parts operate from a single1.6 V to 3.6 V power supply and feature throughput rates up to 200 kSPS with low power dissipation. The parts contain a low noise, wide bandwidth track-and-hold amplifier, which can handle input frequencies in excess of 3 MHz. The conversion process and data acquisition are controlled using CSand the serial clock, allowing the devices to interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS, and the conversion is also initiated at this point. There are no pipeline delays associated with the part. 

FEATURES
Specified for VDD of 1.6 V to 3.6 V
Low power:
 0.62 mW typical at 100 kSPS with 3 V supplies
 0.48 mW typical at 50 kSPS with 3.6 V supplies
 0.12 mW typical at 100 kSPS with 1.6 V supplies
Fast throughput rate: 200 kSPS
Wide input bandwidth:
 71 dB SNR at 30 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI/QSPI™/MICROWIRE™/DSP compatible
Automatic power-down
Power-down mode: 8 nA typical
6-lead SOT-23 package
8-lead MSOP package

APPLICATIONS
Battery-powered systems
Medical instruments
Remote data acquisition
Isolated data acquisition

AD7466
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.

AD7467
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.

AD7468
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.




Similar Part No. - AD7466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7466 AD-AD7466 Datasheet
585Kb / 28P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466 Datasheet
160Kb / 5P
Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD7466BRM AD-AD7466BRM Datasheet
585Kb / 28P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRM-REEL AD-AD7466BRM-REEL Datasheet
585Kb / 28P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRM-REEL7 AD-AD7466BRM-REEL7 Datasheet
585Kb / 28P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results


Similar Description - AD7466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476 Datasheet
360Kb / 20P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
3/04-Data Sheet changed from REV. C to REV. D.
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com