Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML-1220 Datasheet (PDF) - Panasonic Semiconductor

ML-1220 Datasheet PDF - Panasonic Semiconductor
Part # ML-1220
Download  ML-1220 Download
File Size   259.49 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TAB PULLING STRENGTH OVER 14.7N

ML-1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML-1220 Datasheet PDF - Panasonic Semiconductor

Part # ML-1220
Download  ML-1220 Click to download

File Size   259.49 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TAB PULLING STRENGTH OVER 14.7N

ML-1220 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - ML-1220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ML-1210 MOLEX4-ML-1210 Datasheet
110Kb / 2P
Multi-Lock Connector for 10-12 AWG Wire
More results


Similar Description - ML-1220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML-2020 PANASONIC-ML-2020 Datasheet
200Kb / 1P
TAB PULLING STRENGTH OVER 14.7N
BR-2330A PANASONIC-BR-2330A Datasheet
196Kb / 1P
TAB PULLING STRENGTH OVER 19.6M TAB MATERIAL : STAINLESS WITH TIN PLATING
logo
List of Unclassifed Man...
BR-2477A ETC2-BR-2477A Datasheet
192Kb / 1P
TAB PULLING STAENGTH OVER 19.6N
logo
Molex Electronics Ltd.
130095-0274 MOLEX11-130095-0274 Datasheet
36Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
130095-0275 MOLEX11-130095-0275 Datasheet
44Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
1300950274 MOLEX11-1300950274 Datasheet
37Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
1300950275 MOLEX11-1300950275 Datasheet
37Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950275 MOLEX-1300950275 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950276 MOLEX-1300950276 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com