Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQV210A Datasheet (PDF) - COSMO Electronics Corporation

KAQV210A Datasheet PDF - COSMO  Electronics Corporation
Part # KAQV210A
Download  KAQV210A Download
File Size   171.47 Kbytes
Page   7 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Electro-optical Characteristics

KAQV210A Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQV210A Datasheet PDF - COSMO  Electronics Corporation

Part # KAQV210A
Download  KAQV210A Click to download

File Size   171.47 Kbytes
Page   7 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Electro-optical Characteristics

KAQV210A Datasheet (HTML) - COSMO Electronics Corporation


KAQV210A Product details

Description
The KAQV210 series is robust, ideal for telecom and ground fault applications. It is a SPST normally open switch (1 Form A) that replaces electromechanical relays in many applications. It is constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, single pole single throw
2. Control 350V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High Isolation voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant.
9. MSL class 1
10. Agency Approvals:
    • UL Approved (No. E108430): UL508
    • C-UL Approved (No. E108430)
    • FIMKO Approved: EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQV210A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV210AB DBLECTRO-KAQV210AB Datasheet
141Kb / 2P
High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV210ATL COSMO-KAQV210ATL Datasheet
270Kb / 12P
6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210ATR COSMO-KAQV210ATR Datasheet
270Kb / 12P
6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQV210A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
LUMEX INC.
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
ELECTRO-OPTICAL CHARATERISTICS
logo
COSMO Electronics Corp...
KAQV210 COSMO-KAQV210_11 Datasheet
173Kb / 7P
Electro-optical Characteristics
logo
Samsung semiconductor
RC0603J474CS SAMSUNG-RC0603J474CS Datasheet
82Kb / 2P
Samsung electro-mechanics
logo
Projects Unlimited, Inc...
SMT-0827-TW-5V-R PUI-SMT-0827-TW-5V-R Datasheet
150Kb / 1P
Transducer (Electro-Mech)
SMT-1028-T-R PUI-SMT-1028-T-R Datasheet
154Kb / 1P
Transducer (Electro-Mech)
SMT-1427-S-3-R PUI-SMT-1427-S-3-R Datasheet
209Kb / 1P
Transducer (Electro-Mech)
SMT-1427-S-R PUI-SMT-1427-S-R Datasheet
190Kb / 1P
Transducer (Electro-Mech)
logo
Samsung semiconductor
RC2012F106CS SAMSUNG-RC2012F106CS Datasheet
82Kb / 2P
Samsung electro-mechanics
logo
List of Unclassifed Man...
LT7821-81 ETC-LT7821-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com