Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9522 Datasheet (PDF) - NXP Semiconductors

PCA9522 Datasheet PDF - NXP Semiconductors
Part # PCA9522
Download  PCA9522 Download
File Size   197.19 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fast dual bidirectional bus buffer with hot insertion logic

PCA9522 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9522 Datasheet PDF - NXP Semiconductors

Part # PCA9522
Download  PCA9522 Click to download

File Size   197.19 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fast dual bidirectional bus buffer with hot insertion logic

PCA9522 Datasheet (HTML) - NXP Semiconductors


PCA9522 Product details

General description
The PCA9522 is a monolithic bipolar integrated circuit for bus buffering in applications including I2C-bus, SMBus, etc. It includes hot insertion logic for detecting stop and idle conditions, making it ideal for live insertion into backplanes. The buffer extends the bus load limit by buffering both the SCL and SDA lines. The PCA9522 is a drop-in replacement for the IES5502, with only the maximum bus voltage reduced from 15 V to 10 V.

Features and benefits
■ Dual, bidirectional unity gain isolating buffer
■ Hot insertion logic prevents data and clock bus corruption for live backplane applications
■ Pre-charge minimizes data corruption on live insertion
■ Supports I2C-bus (Standard-mode and Fast-mode), SMBus (standard and high power modes) and PMBus
■ Open-collector ready output (RDY)
■ Fast switching times allow operation in excess of 1 MHz
■ Enable (EN) allows bus segments to be disconnected
■ Low current standby mode when not enabled
■ High-impedance ports when IC unpowered
■ 6 mA (static) pull-down capability
■ Low noise susceptibility
■ Supports the connection of several buffers in series
■ Level shift bus voltages from 1.8 V to 10 V




Similar Part No. - PCA9522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9522 NXP-PCA9522 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9522

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL241ASR TOREX-XC74WL241ASR Datasheet
135Kb / 5P
CMOS Logic Dual Bus Buffer
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9615 PHILIPS-PCA9615 Datasheet
905Kb / 29P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
Rev. 1.1-10 May 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com