Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539A Datasheet (PDF) - NXP Semiconductors

PCA9539A Datasheet PDF - NXP Semiconductors
Part # PCA9539A
Download  PCA9539A Download
File Size   2401.7 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 16-bit I2C-bus I/O port with interrupt and reset

PCA9539A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9539A Datasheet PDF - NXP Semiconductors

Part # PCA9539A
Download  PCA9539A Click to download

File Size   2401.7 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 16-bit I2C-bus I/O port with interrupt and reset

PCA9539A Datasheet (HTML) - NXP Semiconductors


PCA9539A Product details

General description

The PCA9539A is a low-voltage 16-bit General Purpose Input/Output (GPIO) expander with interrupt and reset for I2C-bus/SMBus applications. NXP I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections to a minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control, etc.



Features and benefits

■ I2C-bus to parallel port expander

■ Pin and function compatible with PCA9539

■ Operating power supply voltage range of 1.65 V to 5.5 V

■ Low standby current consumption:

♦ 1.5 A (typical at 5 V VDD)

♦ 1.0 A (typical at 3.3 V VDD)

■ Schmitt-trigger action allows slow input transition and better switching noise immunity at the SCL and SDA inputs

♦ Vhys = 0.10  VDD (typical)

■ 5 V tolerant I/Os

■ Active LOW reset input (RESET)

■ Open-drain active LOW interrupt output (INT)

■ 400 kHz Fast-mode I2C-bus

■ Internal power-on reset

■ Power-up with all channels configured as inputs

■ No glitch on power-up

■ Latched outputs with 25 mA drive maximum capability for directly driving LEDs

■ Latch-up performance exceeds 100 mA per JESD78, Class II

■ ESD protection exceeds JESD22

♦ 2000 V Human Body Model (A114-A)

♦ 1000 V Charged-Device Model (C101)

■ Packages offered: TSSOP24, HWQFN24



 




Similar Part No. - PCA9539A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9539A NXP-PCA9539A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9539A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
logo
Texas Instruments
TCA1116 TI1-TCA1116 Datasheet
674Kb / 12P
LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
logo
NXP Semiconductors
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com