Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW214A Datasheet (PDF) - COSMO Electronics Corporation

KAQW214A Datasheet PDF - COSMO  Electronics Corporation
Part # KAQW214A
Download  KAQW214A Download
File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description PRODUCT SPECIFICATION

KAQW214A Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQW214A Datasheet PDF - COSMO  Electronics Corporation

Part # KAQW214A
Download  KAQW214A Click to download

File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description PRODUCT SPECIFICATION

KAQW214A Datasheet (HTML) - COSMO Electronics Corporation


KAQW214A Product details

Description
The KAQW214 series contains two normally open switches that can be used as two independent SPST relays or as one DPST relay. The relay is constructed using a GaAlAs LED for actuation control and an integrated monolithic dies for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, double pole single throw
2. Control 400V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant
9. MSL class 1
10. Agency Approvals:
    • UL Approved (No. E108430): UL508
    • C-UL Approved (No. E108430)
    • FIMKO Approved: EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQW214A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW214ATL COSMO-KAQW214ATL Datasheet
249Kb / 12P
8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214ATR COSMO-KAQW214ATR Datasheet
249Kb / 12P
8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQW214A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com