Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7665 Datasheet (PDF) - Analog Devices

AD7665 Datasheet PDF - Analog Devices
Part # AD7665
Download  AD7665 Download
File Size   348.16 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 570 kSPS CMOS ADC

AD7665 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7665 Datasheet PDF - Analog Devices

Part # AD7665
Download  AD7665 Click to download

File Size   348.16 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 570 kSPS CMOS ADC

AD7665 Datasheet (HTML) - Analog Devices


AD7665 Product details

GENERAL DESCRIPTION
The AD7665 is a 16-bit, 570 kSPS, charge redistribution SAR, analog-to-digital converter that operates from a single 5 V power supply. It contains a high speed 16-bit sampling ADC, a resistor input scaler that allows various input ranges, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports.
   
FEATURES
    Throughput
        570 kSPS (Warp Mode)
        500 kSPS (Normal Mode)
    INL: ±2.5 LSB Max (±0.0038% of Full Scale)
    16-Bit Resolution with No Missing Codes
    S/(N+D): 90 dB Typ @ 180 kHz
    THD: –100 dB Typ @ 180 kHz
    Analog Input Voltage Ranges
        Bipolar: ±10 V, ±5 V, ±2.5 V
        Unipolar: 0 V to 10 V, 0 V to 5 V, 0 V to 2.5 V
    Both AC and DC Specifications
    No Pipeline Delay
    Parallel (8/16 Bits) and Serial 5 V/3 V Interface
    SPI®/QSPI™/MICROWIRE™/DSP Compatible
    Single 5 V Supply Operation
    Power Dissipation
        64 mW Typical
        15 μW @ 100 SPS
    Power-Down Mode: 7 μW Max
    Package: 48-Lead Quad Flatpack (LQFP)
    Package: 48-Lead Chip Scale (LFCSP)
    Pin-to-Pin Compatible Upgrade of the AD7664/AD7663
   
APPLICATIONS
    Data Acquisition
    Communication
    Instrumentation
    Spectrum Analysis
    Medical Instruments
    Process Control
   




Similar Part No. - AD7665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665 AD-AD7665 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7665 AD-AD7665 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7665 AD-AD7665 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7665 AD-AD7665 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7665 AD-AD7665 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7650 AD-AD7650_15 Datasheet
228Kb / 20P
16-Bit, 570 kSPS Low Cost CMOS ADC
REV. 0
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
16-Bit, 570 kSPS
REV. E
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
16-Bit, 570 kSPS Low Cost CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com