Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7671 Datasheet (PDF) - Analog Devices

AD7671 Datasheet PDF - Analog Devices
Part # AD7671
Download  AD7671 Download
File Size   336.58 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 1 MSPS SAR Unipolar ADC with Ref

AD7671 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7671 Datasheet PDF - Analog Devices

Part # AD7671
Download  AD7671 Click to download

File Size   336.58 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 1 MSPS SAR Unipolar ADC with Ref

AD7671 Datasheet (HTML) - Analog Devices


AD7671 Product details

GENERAL DESCRIPTION
The AD7667is a 16-bit, 1 MSPS, charge redistribution SAR analog-to-digital converter that operates from a single 5 V power supply. The part contains a high speed 16-bit sampling
ADC, an internal conversion clock, internal reference, error correction circuits, and both serial and parallel system interface ports. It features a very high sampling rate mode (Warp), a fast mode (Normal) for asynchronous applications, and a reduced power mode (Impulse) for low power applications where power is scaled with the throughput. The AD7667 is hardware factory-calibrated and comprehensively tested to ensure ac parameters such as signal-to-noise ratio (SNR) and total harmonic distortion (THD) in addition to the more traditional dc parameters of gain, offset, and linearity. Operation is specified from –40°C to +85°C.

FEATURES
2.5 V internal reference: typical drift 3 ppm/°C
Guaranteed max drift 15 ppm/°C
Throughput:
1 MSPS (Warp mode)
800 kSPS (Normal mode)
666 kSPS (Impulse mode)
INL: ±2.0 LSB max (±0.0038% of full scale)
16-bit resolution with no missing codes
S/(N+D): 88 dB min @ 20 kHz
THD: –96 dB max @ 20 kHz
Analog input voltage range: 0 V to 2.5 V
No pipeline delay
Parallel and serial 5 V/3 V interface
SPI®/QSPI
TM
/MICROWIRE
TM
/DSP compatible
Single 5 V supply operation
Power dissipation
87 mW typ @ 666 kSPS, 130 µW @ 1 kSPS without REF
133 mW typ @1 MSPS with REF
48-lead LQFP and 48-lead LFCSP packages
Pin-to-pin compatible with AD7671, AD7677

APPLICATIONS
Data acquisition
Medical instruments
Digital signal processing
Battery-powered systems
Process control




Similar Part No. - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7671 AD-AD7671 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7671 AD-AD7671 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7671 AD-AD7671 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
More results


Similar Description - AD7671

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
Initial Version.
AD7653 AD-AD7653 Datasheet
786Kb / 27P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
C
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com