Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7712 Datasheet (PDF) - Analog Devices

AD7712 Datasheet PDF - Analog Devices
Part # AD7712
Download  AD7712 Download
File Size   229.08 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Signal Conditioning ADC

AD7712 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7712 Datasheet PDF - Analog Devices

Part # AD7712
Download  AD7712 Click to download

File Size   229.08 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Signal Conditioning ADC

AD7712 Datasheet (HTML) - Analog Devices


AD7712 Product details

GENERAL DESCRIPTION
The AD7712 is a complete analog front end for low frequency measurement applications. The device has two analog input channels and accepts either low level signals directly from a transducer or high level (±4  VREF) signals, and outputs a serial digital word. It employs a sigma-delta conversion technique to realize up to 24 bits of no missing codes performance. The low level input signal is applied to a proprietary programmable gain front end based around an analog modulator. The high level analog input is attenuated before being applied to the same modulator. The modulator output is processed by an on-chip digital filter. The first notch of this digital filter can be programmed via the on-chip control register, allowing adjustment of the filter cutoff and settling time.

FEATURES
    Charge Balancing ADC
        24 Bits No Missing Codes
        ±0.0015% Nonlinearity
    High Level and Low Level Analog Input Channels
    Programmable Gain for Both Inputs Gains from 1 to 128 Differential Input for Low Level Channel
    Low-Pass Filter with Programmable Filter Cutoffs
    Ability to Read/Write Calibration Coefficients
    Bidirectional Microcontroller Serial Interface
    Internal/External Reference Option
    Single- or Dual-Supply Operation
    Low Power (25 mW typ) with Power-Down Mode (100 μW typ)

APPLICATIONS
    Process Control
    Smart Transmitters
    Portable Industrial Instruments




Similar Part No. - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
304Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD7712 AD-AD7712 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
More results


Similar Description - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7711A AD-AD7711A Datasheet
222Kb / 27P
LC2MOS Signal Conditioning ADC with RTD Current Source
REV.C
AD7713 AD-AD7713 Datasheet
516Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV.C
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com