Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7720 Datasheet (PDF) - Analog Devices

AD7720 Datasheet PDF - Analog Devices
Part # AD7720
Download  AD7720 Download
File Size   232.43 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Sigma-Delta Modulator

AD7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7720 Datasheet PDF - Analog Devices

Part # AD7720
Download  AD7720 Click to download

File Size   232.43 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Sigma-Delta Modulator

AD7720 Datasheet (HTML) - Analog Devices


AD7720 Product details

GENERAL DESCRIPTION
This device is a 7th order sigma-delta modulator that converts the analog input signal into a high speed 1-bit data stream. The part operates from a +5 V supply and accepts a differential input range of 0 V to +2.5 V or ±1.25 V centered about a commonmode bias. The analog input is continuously sampled by the analog modulator, eliminating the need for external sample and hold circuitry. The input information is contained in the output stream as a density of ones. The original information can be reconstructed with an appropriate digital filter.

FEATURES
   12.5 MHz Master Clock Frequency
   0 V to +2.5 V or ±1.25 V Input Range
   Single Bit Output Stream
   90 dB Dynamic Range
   Power Supplies: AVDD, DVDD: +5 V ± 5%
   On-Chip 2.5 V Voltage Reference
   28-Lead TSSOP




Similar Part No. - AD7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7720 AD-AD7720 Datasheet
270Kb / 17P
CMOS Sigma-Delta Modulator
Rev. 0
AD7720BRU AD-AD7720BRU Datasheet
270Kb / 17P
CMOS Sigma-Delta Modulator
Rev. 0
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
CMOS Sigma-Delta Modulator
Rev. 0
More results


Similar Description - AD7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
CMOS Sigma-Delta Modulator
Rev. 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com