Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4852 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4852 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4852
Download  AO4852 Download
File Size   171.2 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V Dual N-Channel MOSFET

AO4852 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4852 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4852
Download  AO4852 Click to download

File Size   171.2 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V Dual N-Channel MOSFET

AO4852 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4852 Product details

General Description
The AO4852 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. As a pair these MOSFETs operate very efficiently in Push Pull and Bridge topologies.
   
Product Summary
    VDS (V) = 60V
    ID = 3.5A (VGS = 10V)
    RDS(ON) <90mΩ (VGS = 10V)
    RDS(ON) <105mΩ (VGS = 4.5V)

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4852

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4852 KEXIN-AO4852 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4852 VBSEMI-AO4852 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Kexin Industr...
AO4852-HF KEXIN-AO4852-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Similar Description - AO4852

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4946D TSC-TSM4946D Datasheet
247Kb / 6P
60V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4826 AOSMD-AO4826_10 Datasheet
170Kb / 4P
60V Dual N-Channel MOSFET
AO4828 AOSMD-AO4828_10 Datasheet
173Kb / 4P
60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6670 GOOD-ARK-SSF6670_15 Datasheet
742Kb / 6P
60V Dual N-Channel MOSFET
SSF6646 GOOD-ARK-SSF6646_15 Datasheet
463Kb / 4P
60V Dual N-Channel MOSFET
logo
Diodes Incorporated
DMNH6022SSD DIODES-DMNH6022SSD Datasheet
386Kb / 7P
60V DUAL N-CHANNEL 175째C MOSFET
Rev 5
logo
GOOD-ARK Electronics
SSF6646 GOOD-ARK-SSF6646 Datasheet
463Kb / 4P
60V Dual N-Channel MOSFET
SSF6670 GOOD-ARK-SSF6670 Datasheet
742Kb / 6P
60V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com