Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4892 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4892 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4892
Download  AO4892 Download
File Size   350.2 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V Dual N-Channel MOSFET

AO4892 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4892 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4892
Download  AO4892 Click to download

File Size   350.2 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V Dual N-Channel MOSFET

AO4892 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4892 Product details

General Description
The AO4892 uses trench MOSFET technology that is uniquely optimized to provide the most efficient high frequency switching performance. Both conduction and switching power losses are minimized due to an extremely low combination of RDS(ON), Ciss and Coss. This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                     100V
    ID (at VGS=10V)                 4A
    RDS(ON) (at VGS=10V)   < 68mΩ
    RDS(ON) (at VGS=4.5V)  < 94mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AO4892

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4892 KEXIN-AO4892 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4892-HF KEXIN-AO4892-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
More results


Similar Description - AO4892

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC3601N FAIRCHILD-FDC3601N Datasheet
91Kb / 5P
Dual N-Channel 100V Specified PowerTrench MOSFET
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3601 KEXIN-KDS3601 Datasheet
63Kb / 2P
100V Dual N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
100V Dual N-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4886 AOSMD-AO4886 Datasheet
556Kb / 6P
100V Dual N-Channel MOSFET
AON6850 AOSMD-AON6850 Datasheet
267Kb / 7P
100V Dual N-Channel MOSFET
logo
Pan Jit International I...
PJQ5882A PANJIT-PJQ5882A Datasheet
829Kb / 6P
100V Dual N-Channel Enhancement Mode Mosfet
June 23,2020 PJQ5882A-REV.00
logo
TECH PUBLIC Electronics...
FDC3601N-TP TECHPUBLIC-FDC3601N-TP Datasheet
3Mb / 6P
100V Dual N-Channel Enhancement Mode MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com