Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7740 Datasheet (PDF) - Analog Devices

AD7740 Datasheet PDF - Analog Devices
Part # AD7740
Download  AD7740 Download
File Size   144.05 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter

AD7740 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7740 Datasheet PDF - Analog Devices

Part # AD7740
Download  AD7740 Click to download

File Size   144.05 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter

AD7740 Datasheet (HTML) - Analog Devices


AD7740 Product details

GENERAL DESCRIPTION
The AD7740 is a low-cost, ultrasmall synchronous Voltage-toFrequency Converter (VFC). It works from a single 3.0 V to 3.6 V or 4.75 V to 5.25 V supply consuming 0.9 mA. The AD7740 is available in an 8-lead SOT-23 and also in an 8-lead MSOP package. Small package, low cost and ease of use were major design goals for this product. The part contains an on-chip 2.5 V bandgap reference but the user may overdrive this using an external reference. This external reference range includes VDD.
   
FEATURES
    Synchronous Operation
    Full-Scale Frequency Set by External System Clock
    8-Lead SOT-23 and 8-Lead MSOP Packages
    3 V or 5 V Operation
    Low Power: 3 mW (Typ)
    Nominal Input Range: 0 to VREF
    True –150 mV Capability Without Charge Pump
    VREF Range: 2.5 V to VDD
    Internal 2.5 V Reference
    1 MHz Max Input Frequency
    Selectable High Impedance Buffered Input
    Minimal External Components Required
   
APPLICATIONS
    Isolation of High Common-Mode Voltages
    Low-Cost Analog-to-Digital Conversion
    Battery Monitoring
    Automotive Sensing
   




Similar Part No. - AD7740

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7740 AD-AD7740 Datasheet
136Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740 Datasheet
327Kb / 13P
Low Power, Synchronous Voltage-to-Frequency Converter
23-Feb-2017
AD7740KRM AD-AD7740KRM Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRM AD-AD7740KRM Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRM AD-AD7740KRM Datasheet
136Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
More results


Similar Description - AD7740

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1206 BURR-BROWN-ADS1206 Datasheet
158Kb / 8P
LOW-POWER, SYNCHRONOUS VOLTAGE-TO-FREQUENCY CONVERTER
logo
Analog Devices
AD7740YRMZ AD-AD7740YRMZ Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ AD-AD7740KRMZ Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ-REEL7 AD-AD7740KRMZ-REEL7 Datasheet
136Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_15 Datasheet
146Kb / 11P
3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_17 Datasheet
327Kb / 13P
Low Power, Synchronous Voltage-to-Frequency Converter
23-Feb-2017
logo
Texas Instruments
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com