Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB284L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB284L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB284L
Download  AOB284L Download
File Size   249.09 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AOB284L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB284L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB284L
Download  AOB284L Click to download

File Size   249.09 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AOB284L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB284L Product details

General Description

The AOT284L & AOB284L uses trench MOSFET technology that is uniquely optimized to provide the most

efficient high frequency switching performance. Both conduction and switching power losses are minimizeddue

to an extremely low combination of RDS(ON), Ciss and Coss.

This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies

and LED backlighting.



Product Summary

VDS                                                            80V

ID(at VGS=10V)                                             105A

RDS(ON)(at VGS=10V)                                    < 4.5mΩ (< 4.3mΩ∗)

RDS(ON)(at VGS=6V)                                     < 5.7mΩ (< 5.5mΩ∗)

100% UIS Tested

100% Rg Tested




Similar Part No. - AOB284L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB284L ISC-AOB284L Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB284L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com