Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7810 Datasheet (PDF) - Analog Devices

AD7810 Datasheet PDF - Analog Devices
Part # AD7810
Download  AD7810 Download
File Size   142.78 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP

AD7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7810 Datasheet PDF - Analog Devices

Part # AD7810
Download  AD7810 Click to download

File Size   142.78 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP

AD7810 Datasheet (HTML) - Analog Devices


AD7810 Product details

GENERAL DESCRIPTION
The AD7810 is a high speed, low power, 10-bit A/D converter that operates from a single 2.7 V to 5.5 V supply. The part contains a 2.3 µs successive approximation A/D converter, with inherent track/hold functionality, a pseudo differential input and a high speed serial interface that interfaces to most microcontrollers. The AD7810 is fully specified over a temperature range of –40°C to +105°C.

FEATURES
    10-Bit ADC with 2.3 μs Conversion Time
    Small Footprint 8-Lead microSOIC Package
    Specified Over a –40°C to +105°C Temperature Range
    Inherent Track-and-Hold Functionality
    Operating Supply Range: 2.7 V to 5.5 V
    Specifications at 2.7 V to 5.5 V
    Microcontroller-Compatible Serial Interface
    Optional Automatic Power-Down at End of Conversion
    Low Power Operation
        270 μW at 10 kSPS Throughput Rate
        2.7 mW at 100 kSPS Throughput Rate
    Analog Input Range: 0 V to VREF
    Reference Input Range: 0 V to VDD

APPLICATIONS
    Low Power, Hand-Held Portable Applications that Require Analog-to-Digital Conversion with 10-Bit Accuracy; e.g., Battery Powered Test Equipment, Battery-Powered Communications Systems




Similar Part No. - AD7810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
186Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7810YN AD-AD7810YN Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810YN AD-AD7810YN Datasheet
186Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7810YR AD-AD7810YR Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results


Similar Description - AD7810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7823 AD-AD7823 Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV.B
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7810 AD-AD7810_17 Datasheet
186Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com