Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1281DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1281DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1281DI
Download  AOZ1281DI Download
File Size   648.1 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.8 A Simple Buck Regulator

AOZ1281DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1281DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1281DI
Download  AOZ1281DI Click to download

File Size   648.1 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.8 A Simple Buck Regulator

AOZ1281DI Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ1281DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1281DI AOSMD-AOZ1281DI Datasheet
1Mb / 12P
EZBuck™ 1.8 A Simple Buck Regulator
Rev. 1.0 June 2011
More results


Similar Description - AOZ1281DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
AOZ1282DI AOSMD-AOZ1282DI Datasheet
715Kb / 13P
EZBuck??1.2A Simple Buck Regulator
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
AOZ1281 AOSMD-AOZ1281 Datasheet
1Mb / 12P
EZBuck™ 1.8 A Simple Buck Regulator
Rev. 1.0 June 2011
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com