Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828LN Datasheet (PDF) - Analog Devices

AD7828LN Datasheet PDF - Analog Devices
Part # AD7828LN
Download  AD7828LN Download
File Size   270.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs

AD7828LN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7828LN Datasheet PDF - Analog Devices

Part # AD7828LN
Download  AD7828LN Click to download

File Size   270.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs

AD7828LN Datasheet (HTML) - Analog Devices


AD7828LN Product details

GENERAL DESCRIPTION
The AD7824 and AD7828 are high speed, multichannel, 8-bit ADCs with a choice of four (AD7824) or eight (AD7828) multiplexed analog inputs. A half-flash conversion technique gives a fast conversion rate of 2.5 µs per channel, and the parts have a built-in track-and-hold function capable of digitizing full-scale signals of 10 kHz (157 mV/µs slew rate) on all channels. The AD7824 and AD7828 operate from a single 5 V supply and have an analog input range of 0 V to 5 V, using an external 5 V reference.
   
FEATURES
    4 or 8 Analog Input Channels
    Built-In Track-and-Hold Function
    10 kHz Signal Handling on Each Channel
    Fast Microprocessor Interface
    Single 5 V Supply
    Low Power: 50 mW
    Fast Conversion Rate: 2.5 μs/Channel
    Tight Error Specification: 1/2 LSB
   




Similar Part No. - AD7828LN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7828LN AD-AD7828LN Datasheet
275Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828LN AD-AD7828LN Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828LN AD-AD7828LN Datasheet
215Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Similar Description - AD7828LN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV.0
AD7884 AD-AD7884 Datasheet
319Kb / 16P
LC2MOS 16-Bit, High Speed Sampling ADCs
REV.C
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com