Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7861 Datasheet (PDF) - Analog Devices

AD7861 Datasheet PDF - Analog Devices
Part # AD7861
Download  AD7861 Download
File Size   95.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11-Bit Resolution Simultaneous Sampling A/D Converter

AD7861 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7861 Datasheet PDF - Analog Devices

Part # AD7861
Download  AD7861 Click to download

File Size   95.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11-Bit Resolution Simultaneous Sampling A/D Converter

AD7861 Datasheet (HTML) - Analog Devices


AD7861 Product details

GENERAL DESCRIPTION
The AD7861 is a multichannel simultaneous sampling A/D Converter (ADC) configured for the acquisition of voltage inputs in a motor control solution or three-phase power system.

FEATURES
    11-Bit Resolution Analog-to-Digital Converter
    Seven Single-Ended Analog Inputs
        Four Input Channels Simultaneously Sampled
        Expansion with 4 Multiplexed Inputs
    Internal 2.5 V Reference
    3.2 μs Conversion Time per Channel
    User Definable Channel Sequencing
    Single Supply +5 V Operation
    Double Buffered Register Outputs
    6.25 MHz to 12.5 MHz Operating Clock Range

APPLICATIONS
    Motor Control
    3-Phase Power Measurement
    Cellular Phones
    Data Acquisition




Similar Part No. - AD7861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
128Kb / 7P
11-Bit Resolution Simultaneous Sampling A/D Converter
23-Feb-2017
AD7861AP AD-AD7861AP Datasheet
128Kb / 7P
11-Bit Resolution Simultaneous Sampling A/D Converter
23-Feb-2017
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
11-Bit Resolution Simultaneous Sampling A/D Converter
23-Feb-2017
More results


Similar Description - AD7861

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Analog Devices
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Analog Devices
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
11-Bit Resolution Simultaneous Sampling A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com