Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7864 Datasheet (PDF) - Analog Devices

AD7864 Datasheet PDF - Analog Devices
Part # AD7864
Download  AD7864 Download
File Size   214.4 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC

AD7864 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7864 Datasheet PDF - Analog Devices

Part # AD7864
Download  AD7864 Click to download

File Size   214.4 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC

AD7864 Datasheet (HTML) - Analog Devices


AD7864 Product details

GENERAL DESCRIPTION
The AD7864 is a high speed, low power, 4-channel simultaneous sampling 12-bit A/D converter that operates from a single +5␣ V supply. The part contains a 1.65 µs successive approximation ADC, four track/hold amplifiers, 2.5 V reference, on-chip clock oscillator, signal conditioning circuitry and a high speed parallel interface. The input signals on four channels are sampled simultaneously, thus preserving the relative phase information of the signals on the four analog inputs. The part accepts analog input ranges of ±10␣ V, ±5 V (AD7864-1), 0 V to 2.5 V, 0 V to 5 V for AD7864-2 and ±2.5␣ V (AD7864-3).

FEATURES
   High Speed (1.65 μs) 12-Bit ADC
   Four Simultaneously Sampled Inputs
   Four Track/Hold Amplifiers
   0.35 μs Track/Hold Acquisition Time
   1.65 μs Conversion Time per Channel
   HW/SW Select of Channel Sequence for Conversion
   Single Supply Operation
   Selection of Input Ranges:
      ±10 V, ±5 V for AD7864-1
      ±2.5 V for AD7864-3
      0 V to 2.5 V, 0 V to 5 V for AD7864-2
   High Speed Parallel Interface Which Also Allows
      Interfacing to 3 V Processors
   Low Power, 90 mW Typ
   Power Saving Mode, 20 μW Typ
   Overvoltage Protection on Analog Inputs

APPLICATIONS
   AC Motor Control
   Uninterrupted Power Supplies
   Data Acquisition Systems
   Communications




Similar Part No. - AD7864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-1 AD-AD7864ASZ-1 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-12 AD-AD7864ASZ-12 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864ASZ-1REEL AD-AD7864ASZ-1REEL Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-1REEL2 AD-AD7864ASZ-1REEL2 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
More results


Similar Description - AD7864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com