Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7866 Datasheet (PDF) - Analog Devices

AD7866 Datasheet PDF - Analog Devices
Part # AD7866
Download  AD7866 Download
File Size   304.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface

AD7866 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7866 Datasheet PDF - Analog Devices

Part # AD7866
Download  AD7866 Click to download

File Size   304.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface

AD7866 Datasheet (HTML) - Analog Devices


AD7866 Product details

GENERAL DESCRIPTION
The AD7866 is a dual 12-bit high speed, low power, successive approximation ADC. The part operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 1 MSPS. The device contains two ADCs, each preceded by a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 10 MHz.
   
FEATURES
    Dual 12-Bit, 2-Channel ADC
    Fast Throughput Rate: 1 MSPS
    Specified for VDD of 2.7 V to 5.25 V
    Low Power
        11.4 mW Max at 1 MSPS with 3 V Supplies
        24 mW Max at 1 MSPS with 5 V Supplies
    Wide Input Bandwidth
        70 dB SNR at 300 kHz Input Frequency
    On-Board Reference 2.5 V
    –40°C to +125°C Operation
    Flexible Power/Throughput Rate Management
    Simultaneous Conversion/Read
    No Pipeline Delays
    High Speed Serial Interface SPI™/QSPI™/
        MICROWIRE™/DSP Compatible
    Shutdown Mode: 1 A Max
    20-Lead TSSOP Package
   




Similar Part No. - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
More results


Similar Description - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
24-Bit, 2 MSPS, Dual Channel SAR ADC
11/2021-Revision 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com