Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7892 Datasheet (PDF) - Analog Devices

AD7892 Datasheet PDF - Analog Devices
Part # AD7892
Download  AD7892 Download
File Size   144.58 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Single Supply, 12-Bit 600 kSPS ADC

AD7892 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7892 Datasheet PDF - Analog Devices

Part # AD7892
Download  AD7892 Click to download

File Size   144.58 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Single Supply, 12-Bit 600 kSPS ADC

AD7892 Datasheet (HTML) - Analog Devices


AD7892 Product details

GENERAL DESCRIPTION
The AD7892 is a high speed, low power, 12-bit A/D converter that operates from a single +5 V supply. The part contains a 1.47 µs successive approximation ADC, an on-chip track/hold amplifier, an internal +2.5 V reference and on-chip versatile interface structures that allow both serial and parallel connection to a microprocessor. The part accepts an analog input range of ±10 V or ±5 V (AD7892-1), 0 V to +2.5 V (AD7892-2) and ±2.5 V (AD7892-3). Overvoltage protection on the analog inputs for the AD7892-1 and AD7892-3 allows the input voltage to go to ±17 V or ±7 V respectively without damaging the ports.
The AD7892 offers a choice of two data output formats: a single, parallel, 12-bit word or serial data. Fast bus access times and standard control inputs ensure easy parallel interface to microprocessors and digital signal processors. A high speed serial interface allows direct connection to the serial ports of microcontrollers and digital signal processors.
In addition to the traditional dc accuracy specifications such as linearity, full-scale and offset errors, the part is also specified for dynamic performance parameters including harmonic distortion and signal-to-noise ratio.
The AD7892 is fabricated in Analog Devices’ Linear Compat ible CMOS (LC2MOS) process, a mixed technology process that combines precision bipolar circuits with low power CMOS logic. It is available in a 24-lead, 0.3" wide, plastic or hermetic DIP or in a 24-lead SOIC.

FEATURES
   Fast 12-Bit ADC with 1.47 s Conversion Time
   600 kSPS Throughput Rate (AD7892-3)
   500 kSPS Throughput Rate (AD7892-1, AD7892-2)
   Single Supply Operation
   On-Chip Track/Hold Amplifier
   Selection of Input Ranges:
      ±10 V or ±5 V for AD7892-1
      0 V to +2.5 V for AD7892-2
      ±2.5 V for AD7892-3
   High Speed Serial and Parallel Interface
   Low Power, 60 mW typ
   Overvoltage Protection on Analog Inputs (AD7892-1
      and AD7892-3)




Similar Part No. - AD7892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7892 AD-AD7892 Datasheet
135Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
178Kb / 15P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
23-Feb-2017
AD7892-2CB2 AD-AD7892-2CB2 Datasheet
135Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892-3CB2 AD-AD7892-3CB2 Datasheet
135Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AN-1 AD-AD7892AN-1 Datasheet
146Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results


Similar Description - AD7892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7672 AD-AD7672 Datasheet
1Mb / 20P
LC2MOS HIGH-SPEED 12-BIT ADC
AD7880 AD-AD7880 Datasheet
337Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV.0
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV.A
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com