Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA210CA Datasheet (PDF) - MERITEK ELECTRONICS CORPORATION

SA210CA Datasheet PDF - MERITEK ELECTRONICS CORPORATION
Part # SA210CA
Download  SA210CA Download
File Size   293.64 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

SA210CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SA210CA Datasheet PDF - MERITEK ELECTRONICS CORPORATION

Part # SA210CA
Download  SA210CA Click to download

File Size   293.64 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

SA210CA Datasheet (HTML) - MERITEK ELECTRONICS CORPORATION


SA210CA Product details

FEATURES
◇ Plastic Sackage.
◇ Glass passivated chip junction.
◇ 500W Peak Pulse Power capability on 10/1000µs waveform.
◇ Excellent clamping capability.
◇ Repetition rate (duty cycle): 0.01%.
◇ Low incremental surge resistance.
◇ Fast response time: typically less than 1.0ps from 0 volt to BV for
   Unidirectional and 5.0ns for %idirectional types.
◇ Typical IR less than 1µA above 10V.
◇ High temperature soldering guaranteed: 265°C/10 seconds/.375",
   (9.5mm) lead length, 5lbs, (2.3kg) tension.




Similar Part No. - SA210CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210CA WTE-SA210CA Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210CA PANJIT-SA210CA Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
YAGEO Corporation
SA210CA YAGEO-SA210CA Datasheet
457Kb / 8P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.3
logo
Won-Top Electronics
SA210CA-T3 WTE-SA210CA-T3 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA210CA-T8 WTE-SA210CA-T8 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA210CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com