Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7895 Datasheet (PDF) - Analog Devices

AD7895 Datasheet PDF - Analog Devices
Part # AD7895
Download  AD7895 Download
File Size   314.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package

AD7895 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7895 Datasheet PDF - Analog Devices

Part # AD7895
Download  AD7895 Click to download

File Size   314.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package

AD7895 Datasheet (HTML) - Analog Devices


AD7895 Product details

GENERAL DESCRIPTION
The AD7895 is a fast 12-bit ADC that operates from a single +5 V supply and is housed in a small 8-pin mini-DIP and 8-pin SOIC. The part contains a 3.8 µs successive approximation A/D converter, an on-chip track/hold amplifier, an on-chip clock and a high speed serial interface.
Output data from the AD7895 is provided via a high speed, serial interface port. This two-wire serial interface has a serial clock input and a serial data output with the external serial clock accessing the serial data from the part.
In addition to the traditional dc accuracy specifications such as linearity and full-scale and offset errors, the AD7895 is specified for dynamic performance parameters, including harmonic distortion and signal-to-noise ratio.
The part accepts an analog input range of ±10 V (AD7895-10), ±2.5 V (AD7895-3), 0 V to 2.5 V (AD7895-2) and operates from a single +5 V supply, consuming only 20 mW max.
The AD7895 features a high sampling rate mode and, for low power applications, a proprietary automatic power-down mode where the part automatically goes into power down once conversion is complete and “wakes up” before the next conver sion cycle.
The part is available in a small, 8-pin, 0.3" wide, plastic dual-in-line package (mini-DIP) and in an 8-pin, small outline IC (SOIC).

FEATURES
  Fast 12-Bit ADC with 3.8 ms Conversion Time
  8-Pin Mini-DlP and SOIC
  Single 5 V Supply Operation
  High Speed, Easy-to-Use, Serial Interface
  On-Chip Track/Hold Amplifier
  Selection of Input Ranges
     ±10 V for AD7895-10
     ±2.5 V for AD7895-3
     0 V to +2.5 V for AD7895-2
  High Input Impedance
  Low Power: 20 mW max
  14-Bit Pin Compatible Upgrade (AD7894)




Similar Part No. - AD7895

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
AD7895AN-10 AD-AD7895AN-10 Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-10 AD-AD7895AN-10 Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-10 AD-AD7895AN-10 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results


Similar Description - AD7895

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com