Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7898 Datasheet (PDF) - Analog Devices

AD7898 Datasheet PDF - Analog Devices
Part # AD7898
Download  AD7898 Download
File Size   184.89 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package

AD7898 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7898 Datasheet PDF - Analog Devices

Part # AD7898
Download  AD7898 Click to download

File Size   184.89 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package

AD7898 Datasheet (HTML) - Analog Devices


AD7898 Product details

GENERAL DESCRIPTION
The AD7898 is a fast 12-bit ADC that operates from a single 5 V supply and is housed in a small 8-lead SOIC package. The part contains a successive approximation A/D converter, an on-chip track/hold amplifier, an on-chip clock, and a high speed serial interface.

FEATURES
   Fast 12-Bit ADC with 220 kSPS Throughput Rate
   8-Lead SOIC
   Single 5 V Supply Operation
   High Speed, Flexible, Serial Interface that
      Allows Interfacing to 3 V Processors
   On-Chip Track/Hold Amplifier
   Selection of Input Ranges
      ±10 V for AD7898-10
      ±2.5 V for AD7898-3
   High Input Impedance
   Low Power: 22.5 mW Max




Similar Part No. - AD7898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898 AD-AD7898 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
243Kb / 17P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
23-Feb-2017
AD7898AR-10 AD-AD7898AR-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10 AD-AD7898AR-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10 AD-AD7898AR-10 Datasheet
243Kb / 17P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
23-Feb-2017
More results


Similar Description - AD7898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7453 AD-AD7453 Datasheet
253Kb / 20P
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV.0
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
C
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
B
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
23-Feb-2017
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com